Part Number Hot Search : 
GBPC5016 2SA1757 GBPC5016 EPD1024G LTC3444 AP4303 Z2618 CM4420
Product Description
Full Text Search
 

To Download IC61S25636T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 IC61S25632T/D IC61S25636T/D IC61S51218T/D
Document Title
8Mb SyncBurst Pipelined SRAM
Revision History Revision No
0A 0B
History
Initial Draft 1. Move the FT pin for user-configurable Flow throught or pipelineed operation, That pin can be NC or connected to VCC for pipelined operation. Refer to Pin configuration. 2. Revise the power supply charaetoristics at page 12 3. Resive the tKQ of 250 MHZ from 2.5ns to 3ns. 4. Move the 100 MHZ speed grade.
Draft Date
Remark
September 24,2001 August 13,2002
The attached datasheets are provided by ICSI. Integrated Circuit Solution Inc reserve the right to change the specifications and products. ICSI will answer to your questions about device. If you have any questions, please contact the ICSI offices.
Integrated Circuit Solution Inc.
SSR014-0B 08/13/2002
1
IC61S25632T/D IC61S25636T/D IC61S51218T/D
256K x 32, 256K x 36, 512K x 18 8Mb S/DCD SYNCBURST Pipelined SRAMs
FEATURES
* * * * * * * * * * * * * * * Pipeline Mode operation Single/Dual Cycl Deselect User-selectable Output Drive Strength with XQ Mode Internal self-timed write cycle Individual Byte Write Control and Global Write Clock controlled, registered address, data and control PentiumTM or linear burst sequence control using MODE input Common data inputs and data outputs JEDEC 100-Pin TQFP and 119-pin PBGA package Single +3.3V, +10%, -5% core power supply Power-down snooze mode 2.5V or 3.3V I/O Supply Snooze MODE for reduced-power standby T version (three chip selects) D version (two chip selects) Controls All synchronous inputs pass through registers controlled by a positive-edge-triggered single clock input.Bursts can be initiated with either ADSP (Address Status Processor) or ADSC (Address Status Cache Controller) input pins. Subsequent burst addresses can be generated internally and controlled by the ADV (burst address advance) input pin. The mode pin is used to select the burst sequence order, Linear burst is achieved when this pin is tied LOW. Interleave burst is achieved when this pin is tied HIGH or left floating. SCD and DCD Pipelined Reads The device is a SCD (Single Cycle Deselect) and DCD(Dual Cycle Deselect) pipelined synchronous SRAM. DCD SRAMs pipeline disable commands to the same degree as read commands. SCD SRAMs pipeline deselect commands one stage less than read commands. SCD RAMs begin turning off their outputs immediately after the deselect command has been captured in the input registers. DCD RAMs hold the deselect command for one full cycle and then begin turning off their outputs just after the second rising edge of clock. The user may configure this SRAM for either mode of operation using the SCD mode input on Bump 4L. Byte Write and Global Write Write cycles are internally self-timed and are initiated by the rising edge of the clock input. Write cycles can be from one to four bytes wide as controlled by the write control inputs.Separate byte enables allow individual bytes to be written. Byte write operation is performed by using byte write enable (BWE).input combined with one or more individualbyte write signals (BWx). In addition, Global Write (GW) is available for writing all bytes at one time, regardless of the byte write controls. IOL/IOH Drive strength Options The XQ pin allows selection between high drive strength (XQ low) for multi-drop bus applications and normal drive strength (XQ floating or high) point-to-point applications. See the Output Driver Characteristics chart for details. Snooze Mode Low power (Snooze mode) is attained through the assertion (High) of the ZZ signal, or by stopping the clock (CK). Memory data is retained during Snooze mode.
DESCRIPTION
ICSI's 8Mb SyncBurst Pipelined SRAMs integrate a 512k x 18, 256k x 32, or 256k x 36 SRAM core with advanced synchronous peripheral circuitry and a 2-bit burst counter. Applications The ICSI SyncBurst Pipelined SRAM family employs high-speed ,low-power CMOS designs that are fabricated using an advanced CMOS process to provide Level 2 Cache applications supporting Pentium and PowerPC microprocessors originally, the device now finds application ranging from DSP main store to networking chip set support.
FAST ACCESS TIME
Pipeline 3-1-1-1 Symbol tKQ tKC ICC1 -250 3 4 390 -200 3.1 5 360 -166 3.5 6 330 -133 4 7.5 300 Units ns ns mA
ICSI reserves the right to make changes to its products at any time without notice in order to improve design and supply the best possible product. We assume no responsibility for any errors which may appear in this publication. (c) Copyright 2000, Integrated Circuit Solution Inc.
2
Integrated Circuit Solution Inc.
SSR014-0B 08/13/2002
IC61S25632T/D IC61S25636T/D IC61S51218T/D
BLOCK DIAGRAM
MODE Q0 A0'
CLK
CLK
A0
BINARY COUNTER
ADV ADSC ADSP Q1 A1' A1
256Kx32; 256Kx36; 512Kx18 MEMORY ARRAY
18/19 16/17 D Q 18/19
An-A0
ADDRESS REGISTER
CLK 32, 36, or 18 32, 36, or 18
GW BWE BWd (x32/x36)
DQd BYTE WRITE REGISTERS
CLK
D
Q
BWb (x32/x36)
D DQc Q BYTE WRITE REGISTERS CLK
BWa (x32/x36/x18)
DQb BYTE WRITE REGISTERS
CLK
D
Q
BWa (x32/x36/x18)
D DQa Q BYTE WRITE REGISTERS CLK
(T, D)CE (T, D) CE2 (T) CE2 D Q
4
ENABLE REGISTER
CLK
INPUT REGISTERS
CLK
OUTPUT REGISTERS
CLK OE
32, 36, or 18 DQa - DQd
D
Q
ENABLE DELAY REGISTER
CLK
OE
Integrated Circuit Solution Inc.
SSR014-0B 08/13/2002
3
IC61S25632T/D IC61S25636T/D IC61S51218T/D PIN CONFIGURATION
119-pin PBGA (Top View)
1 A VCCQ B NC C NC D DQc1 E DQc2 F VCCQ G DQc5 H DQc7 J VCCQ K DQd1 L DQd4 M VCCQ N DQd6 P DQd8 R NC T NC U VCCQ NC NC NC NC NC VCCQ NC SA SA SA NC ZZ SA MODE VCC NC SA NC NC GND A0 GND NC DQa1 DQd7 GND A1 GND DQa3 DQa2 DQd5 GND BWE GND DQa4 VCCQ DQd3 BWd SCD BWa DQa5 DQa6 DQd2 GND CLK GND DQa7 DQa8 VCC NC VCC NC VCC VCCQ DQc8 GND GW GND DQb2 DQb1 DQc6 BWc ADV BWb DQb4 DQb3 DQc4 GND OE GND DQb5 VCCQ DQc3 GND CE GND DQb6 DQb7 NC GND XQ GND NC DQb8 SA SA VCC SA SA NC CE2 SA ADSC SA SA NC SA SA ADSP SA SA VCCQ
NC DQc1 DQc2 VCCQ GND DQc3 DQc4 DQc5 DQc6 GND VCCQ DQc7 DQc8 NC VCC XQ GND DQd1 DQd2 VCCQ GND DQd3 DQd4 DQd5 DQd6 GND VCCQ DQd7 DQd8 NC
100-Pin TQFP (D Version)
SA SA CE CE2 BWd BWc BWb BWa SA VCC GND CLK GW BWE OE ADSC ADSP ADV SA SA
2
3
4
5
6
7
100 99 98 97 96 95 94 93 92 91 90 89 88 87 86 85 84 83 82 81 80 1 79 2 78 3 77 4 76 5 75 6 74 7 73 8 72 9 71 10 70 11 69 12 68 13 67 14 66 15 65 16 64 17 63 18 62 19 61 20 60 21 59 22 58 23 57 24 56 25 55 26 54 27 53 28 52 29 51 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50
MODE SA SA SA SA A1 A0 NC NC GND VCC NC NC A10 SA SA SA SA SA SA
NC DQb8 DQb7 VCCQ GND DQb6 DQb5 DQb4 DQb3 GND VCCQ DQb2 DQb1 GND SCD VCC ZZ DQa8 DQa7 VCCQ GND DQa6 DQa5 DQa4 DQa3 GND VCCQ DQa2 DQa1 NC
256K x 32
Note:Ball R5 connecting to VCC is acceptable Note:pin 14 connecting to VCC is acceptable
PIN DESCRIPTIONS
A0, A1 Synchronous Address Inputs. These pins must tied to the two LSBs of the address bus. Synchronous Address Inputs Synchronous Clock Synchronous Processor Address Status Synchronous Controller Address Status Synchronous Burst Address Advance Synchronous Byte Write Enable Synchronous Byte Write Enable Synchronous Global Write Enable Synchronous Chip Enable Output Enable DQa-DQd MODE SCD XQ VCC GND VCCQ ZZ Synchronous Data Input/Output Burst Sequence Mode Selection Single Cycle Deselect/Dual Cycle Deselect Mode Control Output Drive Control +3.3V Power Supply Ground Isolated Output Buffer Supply : +3.3V or 2.5V Snooze Enable
A2-A17 CLK ADSP ADSC ADV BWa -BWd BWE GW CE , CE2 OE 4
Integrated Circuit Solution Inc.
SSR014-0B 08/13/2002
IC61S25632T/D IC61S25636T/D IC61S51218T/D PIN CONFIGURATION
100-Pin TQFP (T Version)
SA SA CE CE2 BWd BWc BWb BWa CE2 VCC GND CLK GW BWE OE ADSC ADSP ADV SA SA
NC DQc1 DQc2 VCCQ GND DQc3 DQc4 DQc5 DQc6 GND VCCQ DQc7 DQc8 NC VCC XQ GND DQd1 DQd2 VCCQ GND DQd3 DQd4 DQd5 DQd6 GND VCCQ DQd7 DQd8 NC
100 99 98 97 96 95 94 93 92 91 90 89 88 87 86 85 84 83 82 81 80 1 79 2 78 3 77 4 76 5 75 6 74 7 73 8 72 9 71 10 70 11 69 12 68 13 67 14 66 15 65 16 64 17 63 18 62 19 61 20 60 21 59 22 58 23 57 24 56 25 55 26 54 27 53 28 52 29 51 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50
MODE SA SA SA SA A1 A0 NC NC GND VCC NC SA SA SA SA SA SA SA SA
NC DQb8 DQb7 VCCQ GND DQb6 DQb5 DQb4 DQb3 GND VCCQ DQb2 DQb1 GND SCD VCC ZZ DQa8 DQa7 VCCQ GND DQa6 DQa5 DQa4 DQa3 GND VCCQ DQa2 DQa1 NC
256K x 32
Note:Pin 14 connecting to Vcc is acceptable
PIN DESCRIPTIONS
A0, A1 Synchronous Address Inputs. These pins must tied to the two LSBs of the address bus. Synchronous Address Inputs Synchronous Clock Synchronous Processor Address Status Synchronous Controller Address Status Synchronous Burst Address Advance Synchronous Byte Write Enable Synchronous Byte Write Enable Synchronous Global Write Enable Synchronous Chip Enable Output Enable DQa-DQd MODE SCD XQ VCC GND VCCQ ZZ Synchronous Data Input/Output Burst Sequence Mode Selection Single Cycle Deselect/Dual Cycle Deselect Mode Control Output Drive Control +3.3V Power Supply Ground Isolated Output Buffer Supply : +3.3V or 2.5V Snooze Enable
A2-A17 CLK ADSP ADSC ADV BWa -BWd BWE GW CE,CE2,CE2 OE
Integrated Circuit Solution Inc.
SSR014-0B 08/13/2002
5
IC61S25632T/D IC61S25636T/D IC61S51218T/D PIN CONFIGURATION
119-pin PBGA (Top View)
1 A VCCQ B NC C NC D DQc1 E DQc2 F VCCQ G DQc5 H DQc7 J VCCQ K DQd1 L DQd4 M VCCQ N DQd6 P DQd8 R NC T NC U VCCQ NC NC NC NC NC VCCQ
MODE SA SA SA SA A1 A0 NC NC GND VCC NC NC SA SA SA SA SA SA SA
100-Pin TQFP (D Version)
6 7
SA SA CE CE2 BWd BWc BWb BWa A17 VCC GND CLK GW BWE OE ADSC ADSP ADV SA SA
2
3
4
5
SA CE2 SA DQPc DQc3 DQc4 DQc6 DQc8 VCC DQd2 DQd3 DQd5 DQd7 DQPd SA NC
SA SA SA GND GND GND BWc GND NC GND BWd GND GND GND MODE SA
ADSP ADSC VCC XQ CE OE ADV GW VCC CLK SCD BWE A1 A0 VCC SA
SA SA SA GND GND GND BWb GND NC GND BWa GND GND GND NC SA
SA SA SA DQPb DQb6 DQb5 DQb4 DQb2 VCC DQa7 DQa5 DQa4 DQa3 DQPa SA NC
VCCQ NC NC DQb8 DQb7 VCCQ DQb3 DQb1 VCCQ DQa8 DQa6 VCCQ DQa2 DQa1 NC ZZ
DQPc
DQc1 DQc2 VCCQ GND DQc3 DQc4 DQc5 DQc6 GND VCCQ DQc7 DQc8 NC VCC XQ GND DQd1 DQd2 VCCQ GND DQd3 DQd4 DQd5 DQd6 GND VCCQ DQd7 DQd8 DQPd
100 99 98 97 96 95 94 93 92 91 90 89 88 87 86 85 84 83 82 81 80 1 79 2 78 3 77 4 76 5 75 6 74 7 73 8 72 9 71 10 70 11 69 12 68 13 67 14 66 15 65 16 64 17 63 18 62 19 61 20 60 21 59 22 58 23 57 24 56 25 55 26 54 27 53 28 52 29 51 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50
DQPb DQb8 DQb7 VCCQ GND DQb6 DQb5 DQb4 DQb3 GND VCCQ DQb2 DQb1 GND SCD VCC ZZ DQa8 DQa7 VCCQ GND DQa6 DQa5 DQa4 DQa3 GND VCCQ DQa2 DQa1 DQPa
256K x 36
Note:Ball R5 connecting to VCC is acceptable Note:pin 14 connecting to VCC is acceptable
PIN DESCRIPTIONS
A0, A1 Synchronous Address Inputs. These pins must tied to the two LSBs of the address bus. Synchronous Address Inputs Synchronous Clock Synchronous Processor Address Status Synchronous Controller Address Status Synchronous Burst Address Advance Synchronous Byte Write Enable Synchronous Byte Write Enable Synchronous Global Write Enable Synchronous Chip Enable Output Enable DQa-DQd MODE SCD XQ VCC GND VCCQ ZZ DQPa-DQPd Synchronous Data Input/Output Burst Sequence Mode Selection Single Cycle Deselect/Dual Cycle Deselect Mode Control Output Drive Control +3.3V Power Supply Ground Isolated Output Buffer Supply : +3.3V or 2.5V Snooze Enable Parity Data I/O
A2-A17 CLK ADSP ADSC ADV BWa -BWd BWE GW CE , CE2 OE 6
Integrated Circuit Solution Inc.
SSR014-0B 08/13/2002
IC61S25632T/D IC61S25636T/D IC61S51218T/D PIN CONFIGURATION
100-Pin TQFP (T Version)
SA SA CE CE2 BWd BWc BWb BWa CE2 VCC GND CLK GW BWE OE ADSC ADSP ADV SA SA
DQPc
DQc1 DQc2 VCCQ GND DQc3 DQc4 DQc5 DQc6 GND VCCQ DQc7 DQc8 NC VCC XQ GND DQd1 DQd2 VCCQ GND DQd3 DQd4 DQd5 DQd6 GND VCCQ DQd7 DQd8 DQPd
100 99 98 97 96 95 94 93 92 91 90 89 88 87 86 85 84 83 82 81 80 1 79 2 78 3 77 4 76 5 75 6 74 7 73 8 72 9 71 10 70 11 69 12 68 13 67 14 66 15 65 16 64 17 63 18 62 19 61 20 60 21 59 22 58 23 57 24 56 25 55 26 54 27 53 28 52 29 51 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50
MODE SA SA SA SA A1 A0 NC NC GND VCC NC SA SA SA SA SA SA SA SA
DQPb DQb8 DQb7 VCCQ GND DQb6 DQb5 DQb4 DQb3 GND VCCQ DQb2 DQb1 GND SCD VCC ZZ DQa8 DQa7 VCCQ GND DQa6 DQa5 DQa4 DQa3 GND VCCQ DQa2 DQa1 DQPa
256K x 36
Note:Pin 14 connecting to Vcc is acceptable
PIN DESCRIPTIONS
A0, A1 Synchronous Address Inputs. These pins must tied to the two LSBs of the address bus. Synchronous Address Inputs Synchronous Clock Synchronous Processor Address Status Synchronous Controller Address Status Synchronous Burst Address Advance Synchronous Byte Write Enable Synchronous Byte Write Enable Synchronous Global Write Enable Synchronous Chip Enable Output Enable DQa-DQd MODE SCD XQ VCC GND VCCQ ZZ DQPa-DQPd Synchronous Data Input/Output Burst Sequence Mode Selection Single Cycle Deselect/Dual Cycle Deselect Mode Control Output Drive Control +3.3V Power Supply Ground Isolated Output Buffer Supply : +3.3V or 2.5V Snooze Enable Parity Data I/O
A2-A17 CLK ADSP ADSC ADV BWa -BWd BWE GW CE,CE2,CE2 OE
Integrated Circuit Solution Inc.
SSR014-0B 08/13/2002
7
IC61S25632T/D IC61S25636T/D IC61S51218T/D PIN CONFIGURATION
119-pin PBGA (Top View)
1 A VCCQ B NC C NC D DQc1 E NC F VCCQ G NC H DQc4 J VCCQ K Nc L DQd6 M VCCQ N DQd8 P NC R NC T NC U VCCQ NC NC NC NC NC VCCQ
MODE SA SA SA SA A1 A0 NC NC GND VCC NC NC SA SA SA SA SA SA SA
100-Pin TQFP (D Version)
6 7
SA SA CE CE2 NC NC BWb BWa A18 VCC GND CLK GW BWE OE ADSC ADSP ADV SA SA
2
3
4
5
SA CE2 SA DQb2 NC DQc4 DQc3 NC VCC DQd5 NC DQd7 NC DQPd SA SA
SA SA SA GND GND GND BWb GND NC GND GND GND GND GND MODE SA
ADSP ADSC VCC XQ CE OE ADV GW VCC CLK SCD BWE A1 A0 VCC NC
SA SA SA GND GND GND GND GND NC GND BWa GND GND GND NC SA
SA SA SA DQPa NC DQb7 NC DQb5 VCC NC DQa3 NC DQa2 NC SA SA
VCCQ NC NC NC DQb8 VCCQ DQb6 NC VCCQ DQa4 NC VCCQ NC DQa1 NC ZZ
NC NC NC VCCQ GND NC NC DQb1 DQb2 GND VCCQ DQb3 DQb4 NC VCC XQ GND DQb5 DQb6 VCCQ GND DQb7 DQb8 DQPb NC GND VCCQ NC NC NC
100 99 98 97 96 95 94 93 92 91 90 89 88 87 86 85 84 83 82 81 80 1 79 2 78 3 77 4 76 5 75 6 74 7 73 8 72 9 71 10 70 11 69 12 68 13 67 14 66 15 65 16 64 17 63 18 62 19 61 20 60 21 59 22 58 23 57 24 56 25 55 26 54 27 53 28 52 29 51 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50
SA NC NC VCCQ GND NC DQPa DQa8 DQa7 GND VCCQ DQa6 DQa5 GND SCD VCC ZZ DQa4 DQa3 VCCQ GND DQa2 DQa1 NC NC GND VCCQ NC NC NC
512K x18
Note:Ball R5 connecting to VCC is acceptable
Note:pin 14 connecting to VCC is acceptable
PIN DESCRIPTIONS
A0, A1 Synchronous Address Inputs. These pins must tied to the two LSBs of the address bus. Synchronous Address Inputs Synchronous Clock Synchronous Processor Address Status Synchronous Controller Address Status Synchronous Burst Address Advance Synchronous Byte Write Enable Synchronous Byte Write Enable Synchronous Global Write Enable Synchronous Chip Enable Output Enable DQa-DQb MODE SCD XQ VCC GND VCCQ ZZ DQPa-DQPb Synchronous Data Input/Output Burst Sequence Mode Selection Single Cycle Deselect/Dual Cycle Deselect Mode Control Output Drive Control +3.3V Power Supply Ground Isolated Output Buffer Supply : +3.3V or 2.5V Snooze Enable Parity Data I/O DQPa is parity for DQa1-8;DQPb is parity for DQb1-8
A2-A18 CLK ADSP ADSC ADV BWa -BWb BWE GW CE , CE2 OE 8
Integrated Circuit Solution Inc.
SSR014-0B 08/13/2002
IC61S25632T/D IC61S25636T/D IC61S51218T/D PIN CONFIGURATION
100-Pin TQFP (T Version)
SA SA CE CE2 NC NC BWb BWa CE2 VCC GND CLK GW BWE OE ADSC ADSP ADV SA SA
NC NC NC VCCQ GND NC NC DQb1 DQb2 GND VCCQ DQb3 DQb4 NC VCC XQ GND DQb5 DQb6 VCCQ GND DQb7 DQb8 DQPb NC GND VCCQ NC NC NC
100 99 98 97 96 95 94 93 92 91 90 89 88 87 86 85 84 83 82 81 80 1 79 2 78 3 77 4 76 5 75 6 74 7 73 8 72 9 71 10 70 11 69 12 68 13 67 14 66 15 65 16 64 17 63 18 62 19 61 20 60 21 59 22 58 23 57 24 56 25 55 26 54 27 53 28 52 29 51 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50
MODE SA SA SA SA A1 A0 NC NC GND VCC NC SA SA SA SA SA SA SA SA
SA NC NC VCCQ GND NC DQPa DQa8 DQa7 GND VCCQ DQa6 DQa5 GND SCD VCC ZZ DQa4 DQa3 VCCQ GND DQa2 DQa1 NC NC GND VCCQ NC NC NC
512K x18
Note:Pin 14 connecting to Vcc is acceptable
PIN DESCRIPTIONS
A0, A1 Synchronous Address Inputs. These pins must tied to the two LSBs of the address bus. Synchronous Address Inputs Synchronous Clock Synchronous Processor Address Status Synchronous Controller Address Status Synchronous Burst Address Advance Synchronous Byte Write Enable Synchronous Byte Write Enable Synchronous Global Write Enable Synchronous Chip Enable Output Enable DQa-DQb MODE SCD XQ VCC GND VCCQ ZZ DQPa-DQPb Synchronous Data Input/Output Burst Sequence Mode Selection Single Cycle Deselect/Dual Cycle Deselect Mode Control Output Drive Control +3.3V Power Supply Ground Isolated Output Buffer Supply : +3.3V or 2.5V Snooze Enable Parity Data I/O DQPa is parity for DQa1-8;DQPb is parity for DQb1-8
A2-A18 CLK ADSP ADSC ADV BWa -BWb BWE GW CE,CE2,CE2 OE
Integrated Circuit Solution Inc.
SSR014-0B 08/13/2002
9
IC61S25632T/D IC61S25636T/D IC61S51218T/D Mode Pin Functions
Mode Name Burst Order Control Power Down Control Single/DualCycleDeselectControl Output Drive Control Pin Name MODE ZZ SCD XQ State L H or NC L or NC H L H or NC L H Function Linear Burst Interleaved Burst Active Standby Dual Cycle Deselect Single Cycle Deselect High Drive (Low Impedance) Low Drive (High Impedance)
Note: There are pull-up devices on the MODE, XQ, and SCD pins and a pull down device on the ZZ pin, so those input pins can be unconnected and the chip will operate in the default states as specified in the above table.
TRUTH TABLE
Operation Deselected, Power-down Deselected, Power-down Deselected, Power-down Deselected, Power-down Deselected, Power-down Read Cycle, Begin Burst Read Cycle, Begin Burst Write Cycle, Begin Burst Read Cycle, Continue Burst Read Cycle, Continue Burst Read Cycle, Continue Burst Read Cycle, Continue Burst Write Cycle, Continue Burst Write Cycle, Continue Burst Read Cycle, Suspend Burst Read Cycle, Suspend Burst Read Cycle, Suspend Burst Read Cycle, Suspend Burst Write Cycle, Suspend Burst Write Cycle, Suspend Burst Address Used None None None None None External External External Next Next Next Next Next Next Current Current Current Current Current Current CE H L L L L L L L X X H H X H X X H H X H CE2 X X L X L H H H X X X X X X X X X X X X CE2 X H X H X L L L X X X X X X X X X X X X ADSP X L L H H L H H H H X X H X H H X X H X ADSC L X X L L X L L H H H H H H H H H H H H ADV X X X X X X X X L L L L L L H H H H H H WRITE X X X X X X Read Write Read Read Read Read Write Write Read Read Read Read Write Write OE X X X X X X X X L H L H X X L H L H X X DQ High-Z High-Z High-Z High-Z High-Z Q Q D Q High-Z Q High-Z D D Q High-Z Q High-Z D D
PARTIAL TRUTH TABLE
Function Read Read Write Byte 1 Write All Bytes Write All Bytes 10 GW H H H H L BWb BWE BWa BWb BWc BWd H X X X X L H H H H L L H H H L L L L L X X X X X Integrated Circuit Solution Inc.
SSR014-0B 08/13/2002
IC61S25632T/D IC61S25636T/D IC61S51218T/D INTERLEAVED BURST ADDRESS TABLE (MODE =
External Address A1 A0 00 01 10 11 1st Burst Address A1 A0 01 00 11 10 2nd Burst Address A1 A0 10 11 00 01
VCC or
No Connect)
3rd Burst Address A1 A0 11 10 01 00
LINEAR BURST ADDRESS TABLE (MODE = GND)
0,0
A1', A0' = 1,1
0,1
1,0
ABSOLUTE MAXIMUM RATINGS
Symbol TBIAS TSTG PD IOUT VIN, VOUT VIN VCC
(1)
Parameter Temperature Under Bias Storage Temperature Power Dissipation Output Current (per I/O) Voltage Relative to GND for I/O Pins Voltage Relative to GND for for Address and Control Inputs Voltage on Vcc Supply Relatiive to GND
Value -40 to +85 -55 to +150 1.6 100 -0.5 to VCCQ + 0.5 -0.5 to VCC + 0.5 -0.5 to 4.6
Unit C C W mA V V V
Notes: 1. Stress greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause perma-nent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect reliability. 2. This device contains circuity to protect the inputs against damage due to high static voltages or electric fields; however, precautions may be taken to avoid application of any voltage higher than maximum rated voltages to this high-impedance circuit. 3. This device contains circuitry that will ensure the output devices are in High-Z at power up.
Integrated Circuit Solution Inc.
SSR014-0B 08/13/2002
11
IC61S25632T/D IC61S25636T/D IC61S51218T/D
OPERATING RANGE
Range Ambient Temperature Commercial 0C to +70C Industrial -40C to +85C VCC 3.3V, +10%, -5% 3.3V, +10%, -5% VCCQ 2.375-3.6V 2.375-3.6V
DC ELECTRICAL CHARACTERISTICS (Over Operating Range)
Symbol Parameter VOH Output HIGH Voltage VOL VIH VIL ILI ILO Output LOW Voltage Input HIGH Voltage Input LOW Voltage Input Leakage Current Output Leakage Current Test Conditions IOH = -2.0 mA, VCCQ = 2.5V IOH = -4.0 mA, VCCQ = 3.3V IOL = 2.0 mA, VCCQ = 2.5V IOL = 8.0 mA, VCCQ = 3.3V VCCQ = 2.5V VCCQ = 3.3V VCCQ = 2.5V VCCQ = 3.3V GND VIN VCC (1) GND VOUT VCCQ, OE = VIH Min. Max. 1.7 -- 2.4 -- -- 0.7 -- 0.4 1.7 VCCQ+ 0.3 2.0 VCCQ + 0.3 -0.3 0.7 -0.3 0.8 -2 2 -2 2 Unit V V V V V V V V A A
Notes: 1. The MODE, ZZ, SCD, XQ, pin has an internal pullup. and input leakage = 10 A .
POWER SUPPLY CHARACTERISTICS (Over Operating Range)
Parameter AC Operating Supply Current Test Conditions Symbol Device Selected, ICC1 All Inputs VIL or VIH f = 1/tKC Clock Running Device Deselected, Icc2 VCC = Max., All Inputs VIL or VIH f = 1/tKC COMS Standby Device Deselected, ISB VCC = Max., All Inputs 0.2V or VCC -0.2V f=0 IZZ Power Dowin Mode VCC = Max ZZ VCC - 0.2V f=0 All input 0.2V or VCC -0.2V -250 Max. 390 410 110 130 -200 Max. 360 380 100 120 -166 Max. 330 350 90 110 -133 Max. Unit 300 mA 320 85 105 mA mA
Com. Ind. Com. Ind.
Com. Ind.
90 100
90 100
90 100
90 100
mA mA
Com. Ind.
80 90
80 90
80 90
80 90
mA mA
12
Integrated Circuit Solution Inc.
SSR014-0B 08/13/2002
IC61S25632T/D IC61S25636T/D IC61S51218T/D CAPACITANCE
Symbol CIN COUT
(1,2)
Parameter Conditions Input Capacitance Input/Output Capacitance
Max. VIN = 0V VOUT = 0V
Unit 6 8
pF pF
Notes: 1. Tested initially and after any design or process changes that may affect these parameters. 2. Test conditions: TA = 25C, f = 1 MHz, Vcc = 3.3V.
AC TEST CONDITIONS
Parameter Input Pulse Level Input Rise and Fall Times Input and Output Timing and Reference Level Output Load Unit 0V to 3.0V 1.5 ns 1.5V for 3.3V I/O VCCQ/2V for 2.5V I/O See Figures 1 and 2
AC TEST LOADS
ZO = 50
3.3V for 3.3V I/O /2.5V for 2.5v I/O 317 /1667
Output Buffer
50
OUTPUT 5 pF Including jig and scope 351 /1538
1.5V for 3,3V I/O VCCQ/2V for 2.5V I/O
Figure 1
Figure 2
Integrated Circuit Solution Inc.
SSR014-0B 08/13/2002
13
IC61S25632T/D IC61S25636T/D IC61S51218T/D
READ/WRITE CYCLE SWITCHING CHARACTERISTICS
Symbol tKC Pipeline tKQ tKQX(1) tKQLZ(1,2) tKH tKL tKQHZ(1,2) tOEQ tOELZ(1,2) tOEHZ(1,2) tAS tSS tWS tCES tAVS tDS tDH tAH tSH tWH tCEH tAVH tZZS tZZREC Parameter Cycle Time Clock Access Time Clock High to Output Invalid Clock High to Output Low-Z Clock High Pulse Width Clock Low Pulse Width Clock High to Output High-Z Output Enable to Output Valid Output Enable to Output Low-Z Output Enable to Output High-Z Address Setup Time Address Status Setup Time Write Setup Time Chip Enable Setup Time Address Advance Setup Time Data Setup time Data Hold time Address Hold Time Address Status Hold Time Write Hold Time Chip Enable Hold Time Address Advance Hold Time ZZ Setup Time ZZ Recovery Time -250 Min. Max. 4 -- -- 3 1.0 -- 0 -- 1.6 -- 1.6 -- -- 3.1 -- 3.1 0 -- -- 3.0 1.5 -- 1.5 -- 1.5 -- 1.5 -- 1.5 -- 1.5 -- 0.5 -- 0.5 -- 0.5 -- 0.5 -- 0.5 -- 0.5 -- 2 -- 2 --
(Over Operating Range) -200 -166 -133 Min. Max. Min. Max. Min. Max. Unit 5 -- 6 -- 7.5 -- ns -- 3.1 -- 3.5 -- 4 ns 1.0 -- 1.5 -- 1.5 -- ns 0 -- 0 -- 0 -- ns 2 -- 2.3 -- 2.8 -- ns 2 -- 2.3 -- 2.8 -- ns -- 3.1 -- 3.5 -- 4 ns -- 3.1 -- 3.5 -- 4 ns 0 -- 0 -- 0 -- ns -- 3.0 -- 3.5 -- 4 ns 1.5 -- 1.5 -- 1.5 -- ns 1.5 -- 1.5 -- 1.5 -- ns 1.5 -- 1.5 -- 1.5 -- ns 1.5 -- 1.5 -- 1.5 -- ns 1.5 -- 1.5 -- 1.5 -- ns 1.5 -- 1.5 -- 1.5 -- ns 0.5 -- 0.5 -- 0.5 -- ns 0.5 -- 0.5 -- 0.5 -- ns 0.5 -- 0.5 -- 0.5 -- ns 0.5 -- 0.5 -- 0.5 -- ns 0.5 -- 0.5 -- 0.5 -- ns 0.5 -- 0.5 -- 0.5 -- ns 2 -- 2 -- 2 -- cyc 2 -- 2 -- 2 -- cyc
Note: 1. Guaranteed but not 100% tested. This parameter is periodically sampled. 2. Tested with load in Figure 2.
14
Integrated Circuit Solution Inc.
SSR014-0B 08/13/2002
IC61S25632T/D IC61S25636T/D IC61S51218T/D
PIPELINED SCD READ CYCLE TIMING
tKC
CLK
tSS tSH tKH tKL
ADSP is blocked by CE inactive
tSH
ADSP
tSS
ADSC initiate read
ADSC
tAVS tAVH
Suspend Burst
ADV
tAS tAH
Address
RD1
tWS tWH
RD2
RD3
GW
tWS tWH
BWE
BW4-BW1
tCES tCEH
CE Masks ADSP
CE
tCES tCEH
CE2 and CE2 only sampled with ADSP or ADSC
Unselected with CE2
CE2
tCES tCEH
CE2
tOEQ tOEHZ
OE
tOELZ tOEQX tKQX
DATAOUT
High-Z
tKQLZ tKQ
1a
2a
2b
2c
2d
3a
tKQHZ
DATAIN
High-Z
Single Read
Burst Read
Unselected
Integrated Circuit Solution Inc.
SSR014-0B 08/13/2002
15
IC61S25632T/D IC61S25636T/D IC61S51218T/D PIPELINED DCD READ CYCLE TIMING
tKC
CLK
tSS tSH tKH tKL
ADSP is blocked by CE inactive
tSH
ADSP
tSS
ADSC initiate read
ADSC
tAVS tAVH
Suspend Burst
ADV
tAS tAH
Address
RD1
tWS tWH
RD2
RD3
GW
tWS tWH
BWE
BW4-BW1
tCES tCEH
CE Masks ADSP
CE
tCES tCEH
CE2 and CE2 only sampled with ADSP or ADSC
Unselected with CE2
CE2
tCES tCEH
CE2
tOEQ tOEHZ
OE
tOELZ tOEQX tKQX
DATAOUT
High-Z
tKQLZ tKQ
1a
2a
2b
2c
2d
3a
3b
tKQHZ
DATAIN
High-Z
Single Read
Burst Read
Unselected
16
Integrated Circuit Solution Inc.
SSR014-0B 08/13/2002
IC61S25632T/D IC61S25636T/D IC61S51218T/D WRITE CYCLE TIMING
tKC
CLK
tSS tSH tKH tKL
ADSP is blocked by CE inactive
ADSP ADSC initiate Write ADSC ADV must be inactive for ADSP Write tAVS ADV
tAS tAH tAVH
Address
WR1
tWS tWH
WR2
WR3
GW
tWS tWH
BWE
tWS tWH tWS tWH
BW4-BW1
tCES tCEH
WR1
WR2 CE Masks ADSP
WR3
CE
tCES tCEH
CE2 and CE2 only sampled with ADSP or ADSC
Unselected with CE2
CE2
tCES tCEH
CE2
OE
DATAOUT
High-Z
tDS tDH
DATAIN
High-Z
1a
BW4-BW1 only are applied to first cycle of WR2 2a 2b 2c 2d
3a
Single Write
Burst Write
Write
Unselected
Integrated Circuit Solution Inc.
SSR014-0B 08/13/2002
17
IC61S25632T/D IC61S25636T/D IC61S51218T/D
READ/WRITE CYCLE TIMING: PIPELINED
tKC
CLK
tSS tSH tKH tKL
ADSP is blocked by CE1 inactive
ADSP
tSS tSH
ADSC
ADV
tAS tAH
Addresses
RD1
tWS tWH
WR1
RD2
RD3
GW
tWS tWH
BWE
tWS tWH
BW4-BW1
tCES tCEH
WR1 CE1 Masks ADSP
CE
tCES tCEH
CE2 and CE3 only sampled with ADSP or ADSC
CE2
tCES tCEH
Unselected with CE3
CE2
tOEQ tOEHZ
OE
tOELZ tOEQX tKQX
DATAOUT
High-Z
tKQLZ tKQ
1a
tKQX tKQHZ
2a
2b
2c
2d
tKQHZ
DATAIN
High-Z
tDS
1a
tDH
Single Read
Single Write
Burst Read
Unselected
18
Integrated Circuit Solution Inc.
SSR014-0B 08/13/2002
IC61S25632T/D IC61S25636T/D IC61S51218T/D
SNOOZE AND RECOVERY CYCLE TIMING
tKC
CLK
tSS tSH tKH tKL
ADSP
ADSC
ADV
tAS tAH
Address
RD1
RD2
GW
BWE
BW4-BW1
tCES tCEH
CE
tCES tCEH
CE2
tCES tCEH
CE2
tOEQ tOEHZ
OE
tOELZ tOEQX
DATAOUT
High-Z
tKQLZ tKQ
1a
tKQX tKQHZ tZZS tZZREC
DATAIN ZZ
High-Z
Single Read
Snooze with Data Retention
Read
Integrated Circuit Solution Inc.
SSR014-0B 08/13/2002
19
IC61S25632T/D IC61S25636T/D IC61S51218T/D ORDERING INFORMATION Commercial Range: 0C to +70C
Speed 250 MHz Order Part Number IC61S25632T-250TQ IC61S25632D-250TQ IC61S25632D-250B IC61S25632T-200TQ IC61S25632D-200TQ IC61S25632D-200B IC61S25632T-166TQ IC61S25632D-166TQ IC61S25632D-166B IC61S25632T-133TQ IC61S25632D-133TQ IC61S25632D-133B Order Part Number IC61S25636T-250TQ IC61S25636D-250TQ IC61S25636D-250B IC61S25636T-200TQ IC61S25636D-200TQ IC61S25636D-200B IC61S25636T-166TQ IC61S25636D-166TQ IC61S25636D-166B IC61S25636T-133TQ IC61S25636D-133TQ IC61S25636D-133B Package 14*20*1.4mm LQFP 14*20*1.4mm LQFP 14*22mm PBGA 14*20*1.4mm LQFP 14*20*1.4mm LQFP 14*22mm PBGA 14x20x1.4mm LQFP 14x20x1.4mm LQFP 14*22mm PBGA 14x20x1.4mm TQFP 14x20x1.4mm TQFP 14*22mm PBGA Package 14*20*1.4mm LQFP 14*20*1.4mm LQFP 14*22mm PBGA 14*20*1.4mm LQFP 14*20*1.4mm LQFP 14*22mm PBGA 14x20x1.4mm LQFP 14x20x1.4mm LQFP 14*22mm PBGA 14x20x1.4mm TQFP 14x20x1.4mm TQFP 14*22mm PBGA
200 MHz
166 MHz
133 MHz
Speed 250 MHz
200 MHz
166 MHz
133 MHz
20
Integrated Circuit Solution Inc.
SSR014-0B 08/13/2002
IC61S25632T/D IC61S25636T/D IC61S51218T/D
Speed 250 MHz Order Part Number IC61S51218T-250TQ IC61S51218D-250TQ IC61S51218D-250B IC61S51218T-200TQ IC61S51218D-200TQ IC61S51218D-200B IC61S51218T-166TQ IC61S51218D-166TQ IC61S51218D-166B IC61S51218T-133TQ IC61S51218D-133TQ IC61S51218D-133B Package 14*20*1.4mm LQFP 14*20*1.4mm LQFP 14*22mm PBGA 14*20*1.4mm LQFP 14*20*1.4mm LQFP 14*22mm PBGA 14x20x1.4mm LQFP 14x20x1.4mm LQFP 14*22mm PBGA 14x20x1.4mm TQFP 14x20x1.4mm TQFP 14*22mm PBGA
200 MHz
166 MHz
133 MHz
Industrial Range: -40C to 85C
Speed 250 MHz Order Part Number IC61S25632T-250TQI IC61S25632D-250TQI IC61S25632D-250B IC61S25632T-200TQI IC61S25632D-200TQI IC61S25632D-200B IC61S25632T-166TQI IC61S25632D-166TQI IC61S25632D-166B IC61S25632T-133TQI IC61S25632D-133TQI IC61S25632D-133B Package 14*20*1.4mm LQFP 14*20*1.4mm LQFP 14*22mm PBGA 14*20*1.4mm LQFP 14*20*1.4mm LQFP 14*22mm PBGA 14x20x1.4mm LQFP 14x20x1.4mm LQFP 14*22mm PBGA 14x20x1.4mm TQFP 14x20x1.4mm TQFP 14*22mm PBGA
200 MHz
166 MHz
133 MHz
Integrated Circuit Solution Inc.
SSR014-0B 08/13/2002
21
IC61S25632T/D IC61S25636T/D IC61S51218T/D
Speed 250 MHz
200 MHz
166 MHz
133 MHz
Order Part Number IC61S25636T-250TQI IC61S25636D-250TQI IC61S25636D-250B IC61S25636T-200TQI IC61S25636D-200TQI IC61S25636D-200B IC61S25636T-166TQI IC61S25636D-166TQI IC61S25636D-166B IC61S25636T-133TQI IC61S25636D-133TQI IC61S25636D-133B Order Part Number IC61S51218T-250TQI IC61S51218D-250TQI IC61S51218D-250B IC61S51218T-200TQI IC61S51218D-200TQI IC61S51218D-200B IC61S51218T-166TQI IC61S51218D-166TQI IC61S51218D-166B IC61S51218T-133TQI IC61S51218D-133TQI IC61S51218D-133B
Package 14*20*1.4mm LQFP 14*20*1.4mm LQFP 14*22mm PBGA 14*20*1.4mm LQFP 14*20*1.4mm LQFP 14*22mm PBGA 14x20x1.4mm LQFP 14x20x1.4mm LQFP 14*22mm PBGA 14x20x1.4mm TQFP 14x20x1.4mm TQFP 14*22mm PBGA Package 14*20*1.4mm LQFP 14*20*1.4mm LQFP 14*22mm PBGA 14*20*1.4mm LQFP 14*20*1.4mm LQFP 14*22mm PBGA 14x20x1.4mm LQFP 14x20x1.4mm LQFP 14*22mm PBGA 14x20x1.4mm TQFP 14x20x1.4mm TQFP 14*22mm PBGA
Speed 250 MHz
200 MHz
166 MHz
133 MHz
Integrated Circuit Solution Inc.
HEADQUARTER: NO.2, TECHNOLOGY RD. V, SCIENCE-BASED INDUSTRIAL PARK, HSIN-CHU, TAIWAN, R.O.C. TEL: 886-3-5780333 Fax: 886-3-5783000 BRANCH OFFICE: 7F, NO. 106, SEC. 1, HSIN-TAI 5TH ROAD, HSICHIH TAIPEI COUNTY, TAIWAN, R.O.C. TEL: 886-2-26962140 FAX: 886-2-26962252 http://www.icsi.com.tw
22 Integrated Circuit Solution Inc.
SSR014-0B 08/13/2002


▲Up To Search▲   

 
Price & Availability of IC61S25636T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X